| データシートサーチシステム |
|
MSP3431G データシート(PDF) 9 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MSP3431G データシート(HTML) 9 Page - Micronas |
|
9 / 102 page ![]() Noise Generator Bass/ Treble or Equal- Prescale Volume SCART1 Channel Matrix Volume DACM_L DACM_R DACA_L DACA_R Quasi-Peak Detector SCART2 Channel Matrix I2S Channel Matrix Quasi- Peak Channel Loud- speaker Channel Loudness Spatial Effects DACM_SUB Level Adjust Lowpass Head- phone Channel Bass/ Treble Balance AVC Comple- mentary Highpass Volume Deemphasis: 50/75 µs DBX/MNR Panda1 I2S Interface Volume I2C Read- Register Loudness Σ Balance D A Beeper I2S Interface I2S Interface SC1_IN_L SC1_IN_R SC2_IN_L SC2_IN_R SC3_IN_L SC3_IN_R SC4_IN_L SC4_IN_R MONO_IN SC1_OUT_L SC1_OUT_R SC2_OUT_L SC2_OUT_R Deemphasis: J17 A D Prescale AGC Prescale Prescale Prescale I2S_DA_OUT I2S_DA_IN1 I2S_DA_IN2 D A D A D A A D ANA_IN1+ ANA_IN2+ Standard and Sound Detection I2C Read- Register DEMODULATOR (incl. Carrier Mute) Decoded Standards: NICAM A2 AM BTSC EIA-J SAT FM-Radio Σ Fig. 2–1: Signal flow block diagram of the MSP 34x1G (input and output names correspond to pin names) FM/AM SCART1_L/R SCART2_L/R FM/AM NICAM I2S1 I2S2 SCART ADR-Bus Interface Virtualizer Stereo or A/B Stereo or A Stereo or B Automatic Sound Select |