| データシートサーチシステム |
|
UPD765B データシート(PDF) 13 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD765B データシート(HTML) 13 Page - NEC |
|
13 / 17 page ![]() NEC uPD765A/uPD765B Table 4. Instruction Set (Notes 1,2) (cont) instruction Code Phase Write Data Remarks Command W MT MF 0 0 0 1 0 1 Command codes W X X X X X HD W -c Sector ID information prior to command execution. The 4 H are compared against header on floppy WR W EOT W GPL DTL ST2 C H Data transfer between the main system and FDD Status after command execution Sector ID information after command execution R R N Write Deleted Data Command W MT MF 0 0 1 0 1 Command codes W X X X X X HD US, W C Sector Information prior to The 4 bytes W are compared against header on floppy disk W R -p-----N- W EOT w GPL w DTL Execution Data transfer between the FDD and main system Result ST1 Status information after command execution ST2 C H Sector ID information after command execution R N Read Diagnostic Command w 0 MF SK 0 0 0 1 0 Command codes W X X X X X HD W Sector prior to command execution W H w R W W W N EOT GPL w DTL Data transfer between the FDD and main system FDC reads all data fields from index hole to EDT. Result ST1 ST2 C H N Status information after command execution Sector ID Information after command 5-15 |