| データシートサーチシステム |
|
FC6261 データシート(PDF) 2 Page - First Silicon Co., Ltd |
|
|
|||||||||||||||||||||||||||||
FC6261 データシート(HTML) 2 Page - First Silicon Co., Ltd |
|
2 / 11 page ![]() ABSOLUTE MAXIMUM RATINGS (Note 1) Parameter Value Unit Input Supply Voltage -0.3~7 V EN Voltages -0.3~VIN+0.3 V VOUT Voltage -0.3~VIN+0.3 V Junc�on Temperature (Note2) 160 °C Storage Temperature Range -65~150 °C Junc�on-to-ambient Thermal Resistance 220 °C/W Junc�on-to-case(top) Thermal Resistance 62 °C/W Lead Temperature (Soldering,10s) 260 °C PIN CONFIGURATION IN GND nFLG OUT EN 1 2 3 6 4 5 NC OUT GND nFLG IN 1 2 3 5 4 EN SOT-23-6 SOT-23-5 FC6261A FC6261B/C/B1 Part Number Package Top mark FC6261A SOT-23-6 T14BXXX 3000 FC6261B SOT-23-5 T15AXXX 3000 FC6261C SOT-23-5 T16AXXX 3000 FC6261B1 SOT-23-5 T17EXXX 3000 FC6261A/FC6261B/FC6261C/FC6261B1 devices are Pb-free and RoHS compliant. FC6261 2021. 01. 11 2/11 Revision No : 0 Quan�ty/ Reel |