| データシートサーチシステム |
|
M2XU-S2V2-R データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2XU-S2V2-R データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: M2XU M2XU SPECIFICATIONS ES-5008 Rev.18 Page 4/6 http://www.m-system.co.jp/ PERFORMANCE Accuracy: Input accuracy + output accuracy Input accuracy (% of input range) Inversely proportional to span. (DC) -1 – +1 V : ±0.02 -10 – +10 V : ±0.02 0 – 50 mA : ±0.02 Except the input resistor error. (T/C) (PR) : ±0.08 K (CA) : ±0.02 E (CRC) : ±0.02 J (IC) : ±0.04 T (CC) : ±0.06 B (RH) : ±0.12 R : ±0.08 S : ±0.08 C (WRe 5 - 26) : ±0.04 N : ±0.04 U : ±0.04 L : ±0.04 P (Platinel II) : ±0.04 (RTD) JPt 100 (JIS ’89) : ±0.04 Pt 100 (JIS ’89) : ±0.03 Pt 100 (JIS ’97, IEC) : ±0.03 Pt 50 Ω (JIS ’81) : ±0.04 Ni 508.4 Ω : ±0.05 Pt 1000 : ±0.08 Ni 100 : ±0.14 Cu 10 : ±0.6 (Pot.) 0 – 100 Ω : ±0.08 0 – 300 Ω : ±0.04 0 – 1000 Ω : ±0.04 0 – 10 kΩ : ±0.04 Output accuracy: ±0.02 % of output range Inversely proportional to span. Cold junction compensation error: ±0.4°C or ±0.7°F (at 20°C ±10°C or 68°F ±18°F) Temp. coefficient (at -5 to +55°C [23 to 131°F] of I/O range) Input: ±0.016 %/°C (±0.009 %/°F) with current ±0.004 %/°C (±0.002 %/°F) with voltage ±0.004 %/°C (±0.002 %/°F) with T/C ±0.004 %/°C (±0.002 %/°F) with RTD ±0.004 %/°C (±0.002 %/°F) with Pot. Output: ±0.013 %/°C (±0.007 %/°F) Response time: ≤ 0.5 sec.(0 – 90 %) with current ≤ 0.5 sec.(0 – 90 %) with voltage ≤ 1.5 sec.(0 – 90 %) with T/C ≤ 0.9 sec.(0 – 90 %) with RTD ≤ 0.9 sec. (0 – 90 %) with Pot. Burnout response: ≤ 10 sec. Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to power to ground) CALCULATION EXAMPLES OF OVERALL ACCURACY [Example] Input Type -10 – +10 V, Input Range 1 – 5 V, Output Type 0 – 20 mA, Output Range 0 – 10 mA Max. Input Range (20 V) ÷ Span (4 V) × 0.02 % = 0.1 % Max. Output Range (20 mA) ÷ Span (10 mA) × 0.02 % = 0.04 % Overall accuracy = 0.1 + 0.04 = ±0.14 % STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Installation Category II Pollution Degree 2 Input or output to power: Reinforced insulation (300 V) Input to output: Basic insulation (300 V) RoHS Directive EN 50581 Approval: UL/C-UL nonincendive Class I, Division 2, Groups A, B, C, and D (ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213) UL/C-UL general safety requirements (UL 61010-1, CAN/CSA-C22.2 No.61010-1) |