| データシートサーチシステム |
|
M5VS-0Z-R データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M5VS-0Z-R データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 3 page ![]() MODEL: M5VS M5VS SPECIFICATIONS ES-2468 Rev.17 Page 2/3 http://www.m-system.co.jp/ SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating ADJUSTMENT /V01: Multi-turn fine adjustment /VN: Sealed adjustment holes TERMINAL SCREW MATERIAL /S01: Stainless steel GENERAL SPECIFICATIONS Construction: Terminal block Connection: M3.5 screw terminals (torque 0.8 N·m) Screw terminal: Nickel-plated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input to output to power Overrange output: Approx. -10 to +110 % at 1 – 5 V Zero adjustment: -2 to +2 % (front) (±1 % with the input suffix codes 4W and 5W selected) Span adjustment: 98 to 102 % (front) (99 to 101 % with the input suffix codes 4W and 5W selected.) Power indicator LED: Green LED turns on when the power is supplied. INPUT SPECIFICATIONS ■ DC Current: Input resistor incorporated Specify input resistance value among followings for code Z. 20Ω, 49.9Ω, 61.9Ω, 100Ω, 249Ω, 499Ω, 1000Ω (0.125 W ≥ [Input current]2 × R) ■ DC Voltage Input resistance: 1 MΩ min. (10 kΩ min. at power loss) •Input code 0 (Not CE) Voltage range: -300 – +300 V DC Minimum span: 100 mV Offset: Max. 1.5 times span •Input code 01 (CE) Voltage range: -70 – +70 V DC Minimum span: 100 mV Offset: Max. 1.5 times span •Input code 02 (Not CE) Voltage range: 0 – 500 V DC Minimum span: 200 V Offset: Max. 1.5 times span Input at 100%: min. 300 V OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 11 V max. ■ DC Voltage •Output code 0 (CE) Voltage range: -10 – +10 V DC Minimum span: 1 V Offset: Max. 1.5 times span Load resistance: Output drive 10 mA max. Max. 1.25 mA output drive for negative voltage. Min. 1 MΩ when output < 1 V. •Output code 01 (Not CE) Voltage range: -1 – +1 V DC Minimum span: 10 mV Offset: Max. 1.5 times span Load resistance: Min. 100 kΩ Min. 1 MΩ for negative voltage INSTALLATION Power Consumption •AC: Approx. 2 VA at 100 V Approx. 3 VA at 200 V Approx. 3 VA at 264 V •DC: Approx. 2 W Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 0 to 90 %RH (non-condensing) Mounting: DIN rail Weight: 80 g (2.8 oz) PERFORMANCE in percentage of span Accuracy: ±0.1 % ±0.2 % for the input code 02 Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) ±0.02 %/°C (±0.01 %/°F) at input <1 V and output <5 mA ±0.03 %/°C (±0.02 %/°F) for the input code 02 Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength (input to output to power to ground) DC powered: 2000 V AC @1 minute AC powered: 1500 V AC @1 minute STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 RoHS Directive EN 50581 |