| データシートサーチシステム |
|
M5VS-011W-R データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M5VS-011W-R データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: M5VS M5VS SPECIFICATIONS ES-2468 Rev.17 Page 3/3 http://www.m-system.co.jp/ FRONT VIEW Span Adj. Power LED Zero Adj. 1 2 3 4 5 6 7 8 EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 25 (.98) 41 (1.61) [3.3 (.13)] • When mounting, no extra space is needed between units. DIN RAIL 35mm wide 8–M3.5 SCREW 7.3 (.29) 1 2 3 4 5 6 7 8 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Isolation S Z Low Drift Amplifier Output Driver + – INPUT 3 4 1 2 *Input shunt resistor incorporated for current input. * + – OUTPUT 5 6 8 7 U(+) V(–) POWER POWER LED Specifications are subject to change without notice. |