| データシートサーチシステム |
|
M6DPA-C5W-R データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M6DPA-C5W-R データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: M6DPA M6DPA SPECIFICATIONS ES-7830 Rev.8 Page 3/4 http://www.m-system.co.jp/ EXTERNAL VIEW (With the cover open) Zero Adj. Power LED Span Adj. EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 5.9 (.23) DIN RAIL HOOK 102 (4.02) [0.5 (.02)] 8–M3 EURO TERMINAL DIN RAIL 35mm wide 5 6 7 8 1 2 3 4 • When mounting, no extra space is needed between units. WIRE INSERTION ANGLE: approx. 7° SCREWDRIVER INSERTION ANGLE : approx. 40° |