| データシートサーチシステム |
|
M6DVS-4W4W-R データシート(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M6DVS-4W4W-R データシート(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 4 page ![]() MODEL: M6DVS M6DVS SPECIFICATIONS ES-7822 Rev.11 Page 1/4 http://www.m-system.co.jp/ Euro Terminal Ultra-Slim Signal Conditioners M6D Series SIGNAL TRANSMITTER Functions & Features • 5.9-mm wide ultra-slim design • Low profile allows the M6D module mounted in a 120-mm deep panel • Galvanically isolates process instrumentation signals • High-density mounting • Power indicator LED 5.9 (.23) 94 (3.70) 102 (4.02) mm (inch) MODEL: M6DVS-[1][2]-[3][4] ORDERING INFORMATION • Code number: M6DVS-[1][2]-[3][4] Specify a code from below for each [1] through [4]. (e.g. M6DVS-4W4W-R/K/UL/Q) • Special input and output ranges (For codes Z & 0) • Specify the specification for option code /Q (e.g. /C01) [1] INPUT Current A: 4 – 20 mA DC (Input resistance 50 Ω) B: 2 – 10 mA DC (Input resistance 100 Ω) C: 1 – 5 mA DC (Input resistance 200 Ω) D: 0 – 20 mA DC (Input resistance 50 Ω) E: 0 – 16 mA DC (Input resistance 50 Ω) F: 0 – 10 mA DC (Input resistance 100 Ω) G: 0 – 1 mA DC (Input resistance 1000 Ω) H: 10 – 50 mA DC (Input resistance 20 Ω) Z: Specify current (See INPUT SPECIFICATIONS) Voltage 3: 0 – 1 V DC (Input resistance 1 MΩ min.) 4: 0 – 10 V DC (Input resistance 1 MΩ min.) 5: 0 – 5 V DC (Input resistance 1 MΩ min.) 6: 1 – 5 V DC (Input resistance 1 MΩ min.) 4W: -10 – +10 V DC (Input resistance 1 MΩ min.) 5W: -5 – +5 V DC (Input resistance 1 MΩ min.) 0: Specify voltage (See INPUT SPECIFICATIONS) [2] OUTPUT Current A: 4 – 20 mA DC (Load resistance 550 Ω max.) D: 0 – 20 mA DC (Load resistance 550 Ω max.) G: 0 – 1 mA DC (Load resistance 11 kΩ max.) Z: Specify current (See OUTPUT SPECIFICATIONS) Voltage 3: 0 – 1 V DC (Load resistance 1000 Ω min.) 4: 0 – 10 V DC (Load resistance 10 kΩ min.) 5: 0 – 5 V DC (Load resistance 5000 Ω min.) 6: 1 – 5 V DC (Load resistance 5000 Ω min.) 4W: -10 – +10 V DC (Load resistance 20 kΩ min.) 5W: -5 – +5 V DC (Load resistance 10 kΩ min.) 0: Specify voltage (See OUTPUT SPECIFICATIONS) [3] POWER INPUT AC Power M2: 100 – 240 V AC (Operational voltage range 90 – 264 V, 47 – 66 Hz) (UL not available) DC Power R: 24 V DC (Operational voltage range 24 V ±10 %, ripple 10 %p-p max.) [4] OPTIONS (multiple selections) Response Time (0 – 90 %) blank: Standard (≤ 0.5 sec.) /K: Fast Response (Approx. 3.5 msec. voltage output; Approx. 25 msec. current output) Standards & Approvals blank: CE marking /UL: UL approval, CE marking Other Options blank: none /Q: Option other than the above (specify the specification) SPECIFICATIONS OF OPTION: Q COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating GENERAL SPECIFICATIONS Connection Input and output: Euro terminal (torque 0.3 N·m) Power input: Via the Installation Base (model: M6DBS) |
同様の部品番号 - M6DVS-4W4W-R |
|
同様の説明 - M6DVS-4W4W-R |