データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M6DXT-NZ1-R データシート(PDF) 4 Page - M-System Co.,Ltd.

部品番号 M6DXT-NZ1-R
部品情報  Euro Terminal Ultra-Slim Signal Conditioners M6D Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSYSTEM [M-System Co.,Ltd.]
ホームページ  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6DXT-NZ1-R データシート(HTML) 4 Page - M-System Co.,Ltd.

  M6DXT-NZ1-R Datasheet HTML 1Page - M-System Co.,Ltd. M6DXT-NZ1-R Datasheet HTML 2Page - M-System Co.,Ltd. M6DXT-NZ1-R Datasheet HTML 3Page - M-System Co.,Ltd. M6DXT-NZ1-R Datasheet HTML 4Page - M-System Co.,Ltd. M6DXT-NZ1-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: M6DXT
M6DXT SPECIFICATIONS
ES-7831 Rev.10 Page 4/5
http://www.m-system.co.jp/
EXTERNAL VIEW
■ FRONT VIEW (with the cover open)
■ SIDE VIEW
5
6
7
8
1
2
3
4
Output Range Selectors
Status Indicator LED
Power LED
Configurator Jack
The DIP switch setting is required to select output types
before setting a precise output range using PC Configurator
Software (model: M6CFG).
Refer to the instruction manual for detailed procedures.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5.9 (.23)
DIN RAIL HOOK
102 (4.02)
[0.5 (.02)]
8–M3
EURO TERMINAL
DIN RAIL
35mm wide
5
6
7
8
1
2
3
4
• When mounting, no extra space is needed between units.
WIRE INSERTION ANGLE: approx. 7°
SCREWDRIVER
INSERTION ANGLE
: approx. 40°



Html Pages

1 2 3 4 5