| データシートサーチシステム |
|
M6DXR-5V2-R データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M6DXR-5V2-R データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: M6DXR M6DXR SPECIFICATIONS ES-7833 Rev.14 Page 4/4 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 5.9 (.23) DIN RAIL HOOK 102 (4.02) [0.5 (.02)] 8–M3 EURO TERMINAL DIN RAIL 35mm wide 5 6 7 8 1 2 3 4 • When mounting, no extra space is needed between units. WIRE INSERTION ANGLE: approx. 7° SCREWDRIVER INSERTION ANGLE : approx. 40° SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Digital Computation Output Driver 1 2 3 4 + – OUTPUT 5 6 8 7 POWER Low Drift Amplifier STATUS LED CONFIGURATOR JACK A 2-wire RTD 3-wire RTD 4-wire RTD B A B B A B A B DIP SW POWER POWER LED Specifications are subject to change without notice. |