| データシートサーチシステム |
|
KWMS-2G-F/Q データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KWMS-2G-F/Q データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: KWMS KWMS SPECIFICATIONS ES-3553 Rev.9 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 50 (1.97) 103 (4.06) 132 (5.20) • When mounting, no extra space is needed between units. 5 6 7 8 2 1 11 10 [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 11–M3.5 SCREW 3 9 4 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Base Socket Low Drift Amplifier 3 S Z 4 5 3 2 1 POTENTIOMETER max. min. 6 Reference Volt. Generator U(+) V(–) POWER 7 8 + – + – OUTPUT 1 1 2 + – 10 11 Isolation Output Driver Output Driver OUTPUT 2 9 Specifications are subject to change without notice. |