| データシートサーチシステム |
|
VSC830 データシート(PDF) 3 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC830 データシート(HTML) 3 Page - Vitesse Semiconductor Corporation |
|
3 / 18 page ![]() VITESSE SEMICONDUCTOR CORPORATION Data Sheet VSC830 Dual 2x2 Crosspoint Switch 2.7Gb/s Asynchronous G52192-0, Rev 4.0 Page 3 05/23/01 © VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012 Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com Internet: www.vitesse.com Functional Description Select As shown in Figure 1, each output can be treated as a 2:1 multiplexer, with the A1 and A2 inputs common to both multiplexers. The select input S1 independently controls the state of the multiplexer that drives output Y1, and select input S2 independently controls the output of Y2. Figure 1: Select Functional Block Diagram Table 1 specifies the function of the select inputs. Table 1: Select Function MODE The interface level of the select pins, S1 and S2, can be programmed to either TTL or PECL levels by short- ing the MODE pin to either VCC or VEE. Note that the MODE pin must be tied to either VCC or VEE. The func- tion of MODE is specified in Table 2. Table 2: MODE Function S1 S2 Y1 Y2 0 0 A1 A1 1 0 A2 A1 0 1 A1 A2 1 1 A2 A2 MODE S1, S2 VEE TTL VCC PECL A1 A2 Y1 Y2 S1 S2 |