| データシートサーチシステム |
|
M6DXU-T0R9-R データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M6DXU-T0R9-R データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: M6DXU M6DXU SPECIFICATIONS ES-7853 Rev.5 Page 4/6 http://www.m-system.co.jp/ output Absolute accuracy in °C: 0.25°C (see the above table) CJC error (3°C) added: 3.25°C ➠ Input accuracy = 3.25°C ÷ 1000°C × 100 = 0.325 % Output span: 16 mA (20 – 4) ➠ Output accuracy = 20 mA ÷ 16 mA × 0.04 = 0.05 % ➠ Overall accuracy including CJC error = 0.325 + 0.05 = ±0.38 % of span • RTD Accuracy: Input accuracy + output accuracy Inversely proportional to the span. Input accuracy: (whichever is greater) ±0.1 % of input range or ±0.15°C (Pt and JPt) ±1°C (Cu 10) Output accuracy: ±0.04% of max. output range [Example] Pt 100, 0 – 100°C, Output Type -5 – +5V, Output Range 1 – 5V Input Accuracy* (0.15°C**) ÷ Span (100°C) × 100 % + Max. Output Range (10V) ÷ Span (4V) × 0.04 % = ±0.25 % * Calculate the accuracy in °C. ** 100°C × 0.1 % = 0.1°C ≤ 0.15°C. 0.15°C is used as input accuracy value. • Potentiometer Accuracy: Input accuracy + output accuracy Inversely proportional to the span. Input accuracy: (% of range) 0 – 100 Ω : ±0.05 % 0 – 300 Ω : ±0.05 % 0 – 600 Ω : ±0.03 % 0 – 1200 Ω : ±0.03 % 0 – 2500 Ω : ±0.01 % 0 – 5000 Ω : ±0.01 % Output accuracy: ±0.04% of max. output range [Example] Total Resistance 0 – 1200 Ω, Input Range 250– 750 Ω, Output Type -5 – +5 V, Output Range 1 – 5 V Max. Input Range (1200 Ω) ÷ Span (500 Ω) × 0.03 % + Max. Output Range (10 V) ÷ Span (4 V) × 0.04 % = ±0.18 % STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Installation Category II Pollution Degree 2 Input or output to power: Reinforced insulation (300 V) Input to output: Basic insulation (300 V) RoHS Directive EN 50581 |