| データシートサーチシステム |
|
M2TS-6C-R2/BN データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2TS-6C-R2/BN データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: M2TS M2TS SPECIFICATIONS ES-5012 Rev.21 Page 3/4 http://www.m-system.co.jp/ STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Installation Category II Pollution Degree 2 Input or output to power: Reinforced insulation (300 V) Input to output: Basic insulation (300 V) RoHS Directive EN 50581 Approval: UL/C-UL nonincendive Class I, Division 2, Groups A, B, C, and D (ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213) UL/C-UL general safety requirements (UL 61010-1, CAN/CSA-C22.2 No.61010-1) EXTERNAL DIMENSIONS unit: mm (inch) 5 9 21.5 (.85) 84 (3.31) 10 (.39) 15 (.59) 6 (.23) DIN RAIL 35mm wide [4 (.16)] 8–M3 SCREW 23 (.91) 2–4.2x5 (.17x.20) MTG HOLE 6 (.24) deep 114 (4.49) • When mounting, no extra space is needed between units. 4 8 12 14 13 1 TERMINAL ASSIGNMENTS unit: mm (inch) 8 9 12 14 13 CJC SENSOR (model: CJM) 1 1 4 5 |