| データシートサーチシステム |
|
M2VF2-01A-M/Q データシート(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2VF2-01A-M/Q データシート(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: M2VF2 M2VF2 SPECIFICATIONS ES-5055 Rev.12 Page 5/5 http://www.m-system.co.jp/ CUSTOM SPECIFICATION : OPTION /X1 Major specification changes Input: 0 - 100 mV DC MODEL: M2VF2–0[2]–[3]/N/X1[4] Same as standard specification (without customization) except followings. Refer to standard specification pages. ORDERING INFORMATION • Code number: M2VF2-0[2]-[3]/N/X1[4] For [2] and [4] same code as standard specification is available. (e.g. M2VF2-04W-M2/N/X1/Q) Refer to standard specification pages. SPECIFICATION CHANGES ■ Input specifications • Input 0 - 100 mV DC ■ PERFORMANCE Accuracy: ±0.2 % Temp. coefficient: ±0.04 %/°C (±0.02 %/°F) Response time: ≤ 60 μsec. (0 – 90 %) |