| データシートサーチシステム |
|
M6SPA-CZ-R データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M6SPA-CZ-R データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: M6SPA M6SPA SPECIFICATIONS ES-7974 Rev.8 Page 2/4 http://www.m-system.co.jp/ INPUT SPECIFICATIONS ■ Open Collector Frequency range: 0 – 0.01 Hz through 100 kHz Pulse width time requirement: ≥ 4 µsec. for both H and L levels Sensing voltage/current: 2.5 V DC @1 mA (approx.) Detecting levels: ≤ 750 Ω/0.75 V for ON; ≥ 3 kΩ/1.6 V for OFF ■ Mechanical Contact Frequency range: 0 – 0.01 Hz through 30 Hz Pulse width time requirement: ≥ 10 msec. for both ON and OFF Sensing voltage/current: 2.5 V DC @1 mA (approx.) Detecting levels: ≤ 750 Ω/0.75 V for ON; ≥ 3 kΩ/1.6 V for OFF ■ Voltage Pulse Frequency range: 0 – 0.01 Hz through 100 kHz Pulse width time requirement: ≥ 4 µsec. for both H and L levels Waveform: Square or sine Input impedance: ≥ 10 kΩ Max. voltage between input terminals: ±50 V Detecting H level 5 V pulse: ≥ 3 V 24 V pulse: ≥ 14 V Detecting L level 5 V pulse: ≤ 1 V 24 V pulse: ≤ 6 V OUTPUT SPECIFICATIONS ■ DC Current: 2 – 20 mA DC (and 0 – 1 mA DC) Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 11 V max. ■ DC Voltage: 0 – 10 V DC Minimum span: 1 V Offset: Max. 1.5 times span Load resistance: Output drive 1 mA max.; at ≥ 1 V INSTALLATION Power consumption: Approx. 0.5 W Operating temperature: -20 to +55°C (-4 to +131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Installation Base (model: M6SBS) or DIN rail Weight: 60 g (2.1 oz) PERFORMANCE in percentage of span Accuracy: ±0.1 % Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) Response time: Max. 0.5 sec. + 1 pulse cycle (0 – 90 %) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to power to ground) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 RoHS Directive EN 50581 Approval: UL/C-UL nonincendive Class I, Division 2, Groups A, B, C, and D hazardous locations (ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213) UL/C-UL general safety requirements (UL 61010-1, CAN/CSA-C22.2 No.61010-1) |