| データシートサーチシステム |
|
M6NVS-BD-R データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M6NVS-BD-R データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: M6NVS M6NVS SPECIFICATIONS ES-7906 Rev.9 Page 2/4 http://www.m-system.co.jp/ or M3 screw terminal (torque 0.5 N·m) Recommended solderless terminal: Max. 5.8 mm (0.23”) wide; Ones with insulation sleeve do not fit. Applicable wire size: 0.2 – 2.5 mm2 Housing material: Flame-resistant resin (black) Isolation: Input to output to power Zero adjustment: -2 to +2 % (front) (Output code 4W, 5W: Adjustable at 0V. No output below 0 mA for the code D.) Span adjustment: 98 to 102 % (front) Power LED: Green light turns on when the power is supplied. ■Recommended solderless terminal (unit: mm (inch)) 3.2 (.13) dia. 4 min. (.16) 5.5 max. (.22) INPUT SPECIFICATIONS ■ DC Current: Input resistor incorporated Specify input resistance value among followings for code Z. 20Ω, 50Ω, 100Ω, 200Ω, 249Ω, 1000Ω (0.125 W ≥ [Input current]2 × R) ■ DC Voltage: -30 – +30 V DC Minimum span: 100 mV Offset: Max. 1.5 times span Input resistance: 1 MΩ min. (10 kΩ min. with no power supplied) OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 11 V max. ■ DC Voltage: 0 – 10 V DC Minimum span: 1 V Offset: Max. 1.5 times span Load resistance: Output drive 1 mA max.; at ≥ 1 V INSTALLATION Power Consumption •AC: Max. 2 VA •DC: Approx. 0.5 W Operating temperature: -20 to +55°C (-4 to +131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Installation Base (model: M6NBS) or DIN rail Weight: 60 g (2.1 oz) PERFORMANCE in percentage of span Accuracy: ±0.1 % Temp. coefficient: ±0.01 %/°C (±0.006 %/°F) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to power to ground) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Installation Category II Pollution Degree 2 Input or output to power: Reinforced insulation (300 V) Input to output: Basic insulation (300 V) RoHS Directive EN 50581 Approval: UL/C-UL nonincendive Class I, Division 2, Groups A, B, C, and D (ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213) UL/C-UL general safety requirements (UL 61010-1, CAN/CSA-C22.2 No.61010-1) |