| データシートサーチシステム |
|
M2TT-4G-R2/Q データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2TT-4G-R2/Q データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: M2TT M2TT SPECIFICATIONS ES-5131 Rev.4 Page 3/4 http://www.m-system.co.jp/ Pollution Degree 2 (Operational Temprature must be with -5 to +55°C (23 to 131°F)) Input or output to power: Reinforced insulation (300 V) Input to output: Basic insulation (300 V) RoHS Directive EN 50581 EXTERNAL DIMENSIONS unit: mm (inch) 5 9 21.5 (.85) 84 (3.31) 10 (.39) 15 (.59) 6 (.23) DIN RAIL 35mm wide [4 (.16)] 8–M3 SCREW 23 (.91) 2–4.2x5 (.17x.20) MTG HOLE 6 (.24) deep 114 (4.49) • When mounting, no extra space is needed between units. 4 8 12 14 13 1 TERMINAL ASSIGNMENTS unit: mm (inch) 8 9 12 14 13 CJC SENSOR (model: CJM) 1 1 4 5 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Base Socket S Z Low Drift Amplifier Output Driver OUTPUT 9 12 + – T / C CJC SENSOR metal leg model: CJM comp. leadwire 1 5 4 + – 8 Linearizer CJC Sensing Volt. Generator *Deleted with B thermocouple. * U(+) V(–) POWER 13 14 |