| データシートサーチシステム |
|
M2AS1-5323-R2/Q データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2AS1-5323-R2/Q データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: M2AS1 M2AS1 SPECIFICATIONS ES-5064 Rev.12 Page 4/5 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Varistor or CR Circuit ■ Relay Protection • AC Powered • DC Powered Diode, Varistor or CR Circuit Inductive Load (Coil) LOAD Inductive Load (Coil) U LOAD Base Socket 5 Comparator 1 Low Drift Amplifier 4 Converter Converter 9 12 8 OUTPUT *Input shunt resistor attached for current input. 9 9 THUMBWHEEL SWITCHES THUMBWHEEL SWITCHES 9 9 N.C. N.O. COM + – * INPUT RESET R U(+) V(–) POWER 13 14 RESET CONTROL Ry FUNCTIONS ■ HIGH ALARM: When the signal input exceeds the preset setpoint, the relay provides a tripped condition. • Hi Alarm Input t Setpoint Deadband Bold Line Thin Line : Alarm Tripped : Alarm Untripped • Lo Alarm Input t Setpoint Deadband Bold Line Thin Line : Alarm Tripped : Alarm Untripped Input TD T<TD TD t Setpoint Bold Line: Coil Energized • ON Delay Time (TD) with Hi Alarm • Power ON Delay Time (TDP) with Hi Alarm Input TDP Power ON t Setpoint Bold Line: Coil Energized Deadband Input t Setpoint Reset Command • Latching Output with Hi Alarm ■ LOW ALARM: When the signal input goes below the preset setpoint, the relay provides a tripped condition ■ ON DELAY TIME: The relay status does not change until after the preset ON Delay Time (TD) once the signal input goes across the threshold. ■ POWER ON DELAY TIME: The relay does not provide a tripped condition for a duration of the preset Power ON Delay Time (TDP) after the power supply is turned on, even when the signal input is in an alarm range. ■ LATCHING OUTPUT: The relay does not return to an untripped condition once the signal input goes across the threshold, unless: (1) the Reset control button is pressed, (2) the Reset input terminal is closed, or (3) the power supply is removed. |