| データシートサーチシステム |
|
M8PA-A6A-R データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M8PA-A6A-R データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 3 page ![]() MODEL: M8PA M8PA SPECIFICATIONS ES-5486 Rev.6 Page 2/3 http://www.m-system.co.jp/ 5 V pulse: ≤ 1 V 12 V, 24 V pulse: ≤ 4 V ■ AC Voltage Pulse: Specify amplitude and frequency. Waveform: Sine Input impedance: 10 kΩ min. Input amplitude: 0.1 – 100 V p-p Max. voltage between input terminals: 50 V 50V max. Amplitude Vinp-p t Volts DC Offset VH VL ■ DC VOLTAGE PULSE 50V max. Amplitude Vinp-p t Volts VH VL 0.08V ≤ VH – VL ≤ 1V ■ AC VOLTAGE PULSE Detecting Level INSTALLATION Current consumption: Approx. 50 mA Operating temperature: 0 to 55°C (32 to 131°F) Operating humidity: 30 to 95 %RH (non-condensing) Mounting: Installation Base (model: M8BSx) Weight: 70 g (2.5 oz) PERFORMANCE in percentage of span Accuracy: ±0.1 % (output 10 – 100 %) Temp. coefficient: ±0.02 %/°C (±0.01 %/°F) Response time: (0 – 90 %) approx. 4 seconds for 0 – 50 Hz approx. 3 seconds for 0 – 100 Hz approx. 1 second for 0 – 200 Hz approx. 0.4 seconds for 0 – 1.99 kHz approx. 0.1 seconds for 0 – 2 kHz or more Ripple: 0.2 %p-p max. with input ≥ 10 % Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 1500 V AC @1 minute (input to output 1 or output 2 or power to ground) 500 V AC @1 minute (output 1 to output 2 to power) SWC test: ANSI/IEEE-C37.90.1-1989 |