| データシートサーチシステム |
|
M6SVS-BA-R データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M6SVS-BA-R データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: M6SVS M6SVS SPECIFICATIONS ES-7976 Rev.7 Page 3/4 http://www.m-system.co.jp/ EXTERNAL VIEW (With the cover open) Zero Adj. Power LED Span Adj. EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 5.9 (.23) DIN RAIL 35mm wide DIN RAIL HOOK *Use a minus screwdriver: tip width 3.8 mm max., tip thickness 0.5 to 0.6 mm 102 (4.02) [0.5 (.02)] SCREWDRIVER INSERTION ANGLE : approx. 40° WIRE INSERTION ANGLE : approx.35° TEST PROBE max. 2 (.08) dia. SCREWDRIVER * INSERTION ANGLE : approx. 35° 5 6 7 8 1 2 3 4 • When mounting, no extra space is needed between units. |