| データシートサーチシステム |
|
M8BS-16U1-R データシート(PDF) 8 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M8BS-16U1-R データシート(HTML) 8 Page - M-System Co.,Ltd. |
|
8 / 14 page ![]() MODEL: M8BS-16 M8BS-16 SPECIFICATIONS ES-5490 Rev.14 Page 8/14 http://www.m-system.co.jp/ ■ MODEL: M8BS-16K3 (Azbil DCS J-HAM50/J-HMM00 module use / Azbil DCS J-HAM50/JHMM00 module use) • Connector Pin Assignment (CN1, CN2) PIN NO. ASSIGNMENT PIN NO. ASSIGNMENT 3 ch.1 + 4 ch.1 – 5 ch.2 + 6 ch.2 – 7 ch.3 + 8 ch.3 – 9 ch.4 + 10 ch.4 – 27 ch.5 + 26 ch.5 – 29 ch.6 + 28 ch.6 – 31 ch.7 + 30 ch.7 – 33 ch.8 + 32 ch.8 – 11 ch.9 + 12 ch.9 – 13 ch.10 + 14 ch.10 – 15 ch.11 + 16 ch.11 – 17 ch.12 + 18 ch.12 – 19 ch.13 + 20 ch.13 – 21 ch.14 + 22 ch.14 – 23 ch.15 + 24 ch.15 – 25 ch.16 + 50 ch.16 – 34 – 47: Unused 1 – 2, 48 – 49 are connected. I/O cable: J-RSL / J-RSK J-RRL / J-RRK • Location Input connector: 57GE-40500-751 CN1: J-HAM50 / J-HMM00 module use (output 1) CN2: J-HAM50 / J-HMM00 module use (output 2) Pico-M LOCATION NO. AZBIL DCS AI CONNECTOR 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 ■ CONNECTION DIAGRAM A B C D CN1 A B C D PWR2 4 5 FG 3 U V AC POWER PWR1 4 5 FG 3 U V AC POWER FG 3 A B C D CN1 CN2 CN2 Ch.1 INPUT** A B C D Ch.16 INPUT** ■ Power Supply Unit Code R, K ■ Power Supply Unit Code KK, L * Ch.1 INPUT** Ch.16 INPUT** * For power supply unit code KK only. ** The input and output terminals are reversed for model M8YSx, M8YCx. Use either Output 1 or Output 2 connector for the input. U(+) V(–) POWER 2 1 |