| データシートサーチシステム |
|
M8BS-16Y1-R データシート(PDF) 9 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M8BS-16Y1-R データシート(HTML) 9 Page - M-System Co.,Ltd. |
|
9 / 14 page ![]() MODEL: M8BS-16 M8BS-16 SPECIFICATIONS ES-5490 Rev.14 Page 9/14 http://www.m-system.co.jp/ ■ MODEL: M8BS-16Y1 (Yokogawa DCS VMx/PM1 card use (PS-40PE-D4T1-PN1) / screw terminal block) • Location CN1: VMx / PM1 card use* The input or output 1 is connected to the connector. VM1/PM1/VM4 CARD INPUT or OUTPUT 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 VM2 CARD INPUT NO. VM2 CARD OUTPUT NO. 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 Pico-M LOCATION NO. *VMx / PM1 card (uses KS2 cable) VM1: analog input 16 points VM2: analog input 8 points / analog output 8 points VM4: analog output 16 points PM1: pulse input 16 points ■ CONNECTION DIAGRAM A B C D CN1 Ch.1 INPUT** A B C D Ch.16 INPUT** + – + – PWR2 4 5 FG 3 U V AC POWER PWR1 4 5 FG 3 U V AC POWER FG 3 A B C D CN1 Ch.1 INPUT** A B C D Ch.16 INPUT** + – + – OUTPUT 2 OUTPUT 2 Ch.1 OUTPUT** Ch.16 OUTPUT** OUTPUT 2 OUTPUT 2 Ch.1 OUTPUT** Ch.16 OUTPUT** ■ Power Supply Unit Code R, K ■ Power Supply Unit Code KK, L * * For power supply unit code KK only. ** The input and output terminals are reversed for model M8YSx, M8YCx. Use either Output 1 (connector) or Output 2 terminal for the input. U(+) V(–) POWER 2 1 |