| データシートサーチシステム |
|
M8BS-16Y2-R データシート(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M8BS-16Y2-R データシート(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 14 page ![]() MODEL: M8BS-16 M8BS-16 SPECIFICATIONS ES-5490 Rev.14 Page 5/14 http://www.m-system.co.jp/ ■ MODEL: M8BS-16U5 (DDK connector, 17JE-13370-37 [D16B] / screw terminal block) • Connector Pin Assignment CN1: Output 1 or input PIN NO. ASSIGNMENT PIN NO. ASSIGNMENT 1 ch.1 + 20 ch.1 – 2 ch.2 + 21 ch.2 – 3 ch.3 + 22 ch.3 – 4 ch.4 + 23 ch.4 – 5 ch.5 + 24 ch.5 – 6 ch.6 + 25 ch.6 – 7 ch.7 + 26 ch.7 – 8 ch.8 + 27 ch.8 – 9 ch.9 + 28 ch.9 – 10 ch.10 + 29 ch.10 – 11 ch.11 + 30 ch.11 – 12 ch.12 + 31 ch.12 – 13 ch.13 + 32 ch.13 – 14 ch.14 + 33 ch.14 – 15 ch.15 + 34 ch.15 – 16 ch.16 + 35 ch.16 – 17 – 19, 36, 37: Unused ■ CONNECTION DIAGRAM A B C D CN1 Ch.1 INPUT** A B C D Ch.16 INPUT** + – + – PWR2 4 5 FG 3 U V AC POWER PWR1 4 5 FG 3 U V AC POWER FG 3 A B C D CN1 Ch.1 INPUT** A B C D Ch.16 INPUT** + – + – OUTPUT 2 OUTPUT 2 Ch.1 OUTPUT** Ch.16 OUTPUT** OUTPUT 2 OUTPUT 2 Ch.1 OUTPUT** Ch.16 OUTPUT** ■ Power Supply Unit Code R, K ■ Power Supply Unit Code KK, L * * For power supply unit code KK only. ** The input and output terminals are reversed for model M8YSx, M8YCx. Use either Output 1 (connector) or Output 2 terminal for the input. U(+) V(–) POWER 2 1 |