| データシートサーチシステム |
|
M8TS1-56A-R データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M8TS1-56A-R データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: M8TS1 M8TS1 SPECIFICATIONS ES-5381 Rev.5 Page 3/3 http://www.m-system.co.jp/ BOTTOM VIEW • Burnout Switch Turn the switch in UP direction for upscale burnout, DOWN for downscale burnout. Burnout Switch EXTERNAL DIMENSIONS unit: mm (inch) I/O PINS 17.5(.69) 75 (2.95) 83 (3.27) SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM • Mounting on the Single Mount Base (model: M8BS-1-1) Refer to the data sheet and the instruction manual for the M8BS-1-1. • Mounting on the Installation Base (model: M8BSx) + – Isolation Installation Base Voltage Amplifier OUTPUT 1 3 5 6 7 8 9 10 11 + – + – OUTPUT 2 S Z 1 2 4 D A B C POWER Output Driver Output Driver Low Drift Amplifier Burnout Linearizer CJC Sensing Volt. Generator + – T / C CJC SENSOR metal leg model: CJM comp. leadwire + – green red * *Deleted with B thermocouple input. ** The CJC Sensor for the single mount base is not compatible with the one for the multiple mount base. Leadwires for the multiple mount type are replaced with metal legs with the single mount type. UPSCALE DOWNSCALE ** Specifications are subject to change without notice. |