| データシートサーチシステム |
|
MXAP-S3R-R3/Q データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MXAP-S3R-R3/Q データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: MXAP MXAP SPECIFICATIONS ES-1731 Rev.10 Page 4/5 http://www.m-system.co.jp/ RECALLING PAST TOTALIZED COUNT (1) Preset Auto Reset Time Last Auto Reset (once before) (2) Two Times Before (3) Three Times Before (4) Four Times Before (5) Five Times Before Six Times Before Time Present Past totalized pulse counts at the moment of auto-reset can be recalled for five times. For example, the totalized count during the period indicated with (5) in the figure below are recalled in one of the ITEM 27 (upper 4 digits) and 28 (lower 4 digits). Likewise, (1) through (4) are also recalled in ITEM 29 through 36. The displayed are renewed by every auto resetting. If the auto-reset is not specified, this function is not valid. EXTERNAL DIMENSIONS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 103 (4.06) 123 (4.84) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. TERMINAL ASSIGNMENTS unit: mm (inch) 5 6 2 1 8 7 3 4 INPUT RESISTOR (model: REM) Input shunt resistor attached for current input. |