| データシートサーチシステム |
|
MXPA-HZ1-R データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MXPA-HZ1-R データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: MXPA MXPA SPECIFICATIONS ES-1732 Rev.8 Page 4/5 http://www.m-system.co.jp/ EXTERNAL VIEW PL4 PL3 PL2 PL1 DATA ITEM DATA ITEM ITEM No. Display DATA UP-DOWN Keys ITEM No. UP-DOWN Keys DATA Display Input LED Low-end Cutout LED Programming Error LED Polarity LED Refer to the instruction manual for detailed procedures. EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 103 (4.06) 123 (4.84) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. |