| データシートサーチシステム |
|
M34E02-FDW1P データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34E02-FDW1P データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 23 page ![]() 13/23 M34E02 Table 5. Acknowledge when Writing Data or Defining the Write-protection (Instructions with R/W bit=0) Table 6. Acknowledge when Reading the Write Protection (Instructions with R/W bit=1) Status WC Input Level Instruction Ack Address Ack Data Byte Ack Write Cycle (tW) Permanently protected X PSWP, SWP or CWP NoAck Not significant NoAck Not significant NoAck No Page or Byte Write in lower 128 Bytes Ack Address Ack Data NoAck No Protected with SWP SWP NoAck Not significant NoAck Not significant NoAck No CWP Ack Not significant Ack Not significant Ack Yes 0 PSWP Ack Not significant Ack Not significant Ack Yes Page or Byte Write in lower 128 Bytes Ack Address Ack Data NoAck No SWP NoAck Not significant NoAck Not significant NoAck No 1 CWP Ack Not significant Ack Not significant NoAck No PSWP Ack Not significant Ack Not significant NoAck No Page or Byte Write Ack Address Ack Data NoAck No Not Protected 0 PSWP, SWP or CWP Ack Not significant Ack Not significant Ack Yes Page or Byte Write Ack Address Ack Data Ack Yes 1 PSWP, SWP or CWP Ack Not significant Ack Not significant NoAck No Page or Byte Write Ack Address Ack Data NoAck No Status Instruction Ack Address Ack Data byte Ack Permanently protected PSWP, SWP or CWP NoAck Not significant NoAck Not significant NoAck Protected with SWP SWP NoAck Not significant NoAck Not significant NoAck CWP Ack Not significant NoAck Not significant NoAck PSWP Ack Not significant NoAck Not significant NoAck Not Protected PSWP, SWP or CWP Ack Not significant NoAck Not significant NoAck |