| データシートサーチシステム |
|
M34E02-FMB1G データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34E02-FMB1G データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 23 page ![]() 5/23 M34E02 SIGNAL DESCRIPTION Serial Clock (SCL) This input signal is used to strobe all data in and out of the device. In applications where this signal is used by slave devices to synchronize the bus to a slower clock, the bus master must have an open drain output, and a pull-up resistor can be con- nected from Serial Clock (SCL) to VCC. (Figure 4 indicates how the value of the pull-up resistor can be calculated). In most applications, though, this method of synchronization is not employed, and so the pull-up resistor is not necessary, provided that the bus master has a push-pull (rather than open drain) output. Serial Data (SDA) This bi-directional signal is used to transfer data in or out of the device. It is an open drain output that may be wire-OR’ed with other open drain or open collector signals on the bus. A pull up resistor must be connected from Serial Data (SDA) to VCC. (Fig- ure 4 indicates how the value of the pull-up resistor can be calculated). Chip Enable (E0, E1, E2) These input signals are used to set the value that is to be looked for on the three least significant bits (b3, b2, b1) of the 7-bit Device Select Code. In the end application, E0, E1 and E2 must be directly (not through a pull-up or pull-down resistor) con- nected to VCC or VSS to establish the Device Se- lect Code. When these inputs are not connected, an internal pull-down circuitry makes (E0,E1,E2) = (0,0,0). The E0 input is used to detect the VHV voltage, when decoding an SWP or CWP instruction. Write Control (WC) This input signal is provided for protecting the con- tents of the whole memory from inadvertent write operations. Write Control (WC) is used to enable (when driven Low) or disable (when driven High) write instructions to the entire memory area or to the Protection Register. When Write Control (WC) is tied Low or left unconnected, the write protection of the first half of the memory is determined by the status of the Protection Register. Figure 4. Maximum RL Value versus Bus Capacitance (CBUS) for an I 2C Bus AI01665 VCC CBUS SDA RL MASTER RL SCL CBUS 100 0 4 8 12 16 20 CBUS (pF) 10 1000 fc = 400kHz fc = 100kHz |