| データシートサーチシステム |
|
MSP430F2002IPW データシート(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2002IPW データシート(HTML) 17 Page - Texas Instruments |
|
17 / 80 page ![]() MSP430x20x1, MSP430x20x2, MSP430x20x3 MIXED SIGNAL MICROCONTROLLER SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timer_A2 Timer_A2 is a 16-bit timer/counter with two capture/compare registers. Timer_A2 can support multiple capture/compares, PWM outputs, and interval timing. Timer_A2 also has extensive interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare registers. Timer_A2 Signal Connections (MSP43020x1 only) Input Pin Number Device Input Signal Module Input Name Module Block Module Output Signal Output Pin Number PW, N RSA PW, N RSA 2 - P1.0 1 - P1.0 TACLK TACLK ACLK ACLK Timer NA SMCLK SMCLK Timer NA 2 - P1.0 1 - P1.0 TACLK INCLK 3 - P1.1 2 - P1.1 TA0 CCI0A 3 - P1.1 2 - P1.1 ACLK (internal) CCI0B CCR0 TA0 7 - P1.5 6 - P1.5 VSS GND CCR0 TA0 VCC VCC 4 - P1.2 3 - P1.2 TA1 CCI1A 4 - P1.2 3 - P1.2 CAOUT (internal) CCI1B CCR1 TA1 8 - P1.6 7 - P1.6 VSS GND CCR1 TA1 13 - P2.6 12 - P2.6 VCC VCC Timer_A2 Signal Connections (MSP430F20x2, MSP430F20x3) Input Pin Number Device Input Signal Module Input Name Module Block Module Output Signal Output Pin Number PW, N RSA PW, N RSA 2 - P1.0 1 - P1.0 TACLK TACLK ACLK ACLK Timer NA SMCLK SMCLK Timer NA 2 - P1.0 1 - P1.0 TACLK INCLK 3 - P1.1 2 - P1.1 TA0 CCI0A 3 - P1.1 2 - P1.1 7 - P1.5 6 - P1.5 ACLK (internal) CCI0B CCR0 TA0 7 - P1.5 6 - P1.5 VSS GND CCR0 TA0 VCC VCC 4 - P1.2 3 - P1.2 TA1 CCI1A 4 - P1.2 3 - P1.2 8 - P1.6 7 - P1.6 TA1 CCI1B CCR1 TA1 8 - P1.6 7 - P1.6 VSS GND CCR1 TA1 13 - P2.6 12 - P2.6 VCC VCC comparator_A+ (MSP430x20x1 only) The primary function of the comparator_A+ module is to support precision slope analog-to-digital conversions, battery-voltage supervision, and monitoring of external analog signals. |