| データシートサーチシステム |
|
C0603C103C1VAC データシート(PDF) 2 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
C0603C103C1VAC データシート(HTML) 2 Page - Kemet Corporation |
|
2 / 2 page ![]() KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 41 KEMET ® CERAMIC CHIP/STANDARD NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative. 50 Volt Ceramic Chips can be used for 63 volt applications. * EIA preferred chip sizes C0805* C1206* C1210* C1812* C1825* C2225 100V 50V 100V 50V 100V 50V 334 394 474 100V 100V 50V 100V 50V 100V 682 822 103 123 153 183 223 273 333 393 473 563 683 823 104 50V M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z M,Z CAP TOL 6800.0 8200.0 10,000.0 12,000.0 15,000.0 18,000.0 22,000.0 27,000.0 33,000.0 39,000.0 47,000.0 56,000.0 68,000.0 82,000.0 100,000.0 120,000.0 150,000.0 180,000.0 220,000.0 270,000.0 330,000.0 390,000.0 470,000.0 560,000.0 680,000.0 820,000.0 1,000,000.0 1,200,000.0 1,500,000.0 1,800,000.0 2,200,000.0 CAP. PF 682 822 103 103 123 153 183 223 273 333 393 473 563 683 823 104 124 154 184 224 103 123 153 183 223 273 333 393 473 563 683 823 104 124 154 184 224 274 334 473 563 683 823 823 104 124 154 184 224 274 334 394 474 564 684 824 105 823 104 124 154 184 224 274 334 394 474 564 684 824 105 125 155 185 225 184 224 274 334 394 334 394 474 564 684 824 105 125 155 185 225 Z5U CAPACITANCE RANGE (KEMET's Z5U also meets Y5V Characteristics) |