| データシートサーチシステム |
|
PPD-D1M3R-S/Q データシート(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
PPD-D1M3R-S/Q データシート(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: PPD PPD SPECIFICATIONS ES-1370 Rev.13 Page 5/5 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 107 (4.21) 127 (5) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM 3 5 4 + 10kΩ ■ Dry Contact Input Connection Examples + – – Vsns PWR ■ 2-Wire Current Pulse • Built-in Excitation 3 5 4 – + Vsns 2-WIRE PICK-UP • External DC Supply 3 5 4 – Vsns 2-WIRE PICK-UP + + DC SUPPLY – ■ Voltage Pulse 3 5 4 + + – – Vsns PWR ■ Open Collector Output Connection Examples + – 1 2 + – ■ Voltage Pulse + – 1 2 + – ■ Power Photo MOSFET Relay • AC Powered 1 2 LOAD Relay or Counter Coil Varistor or Spark Quenching Circuit • DC Powered 1 2 LOAD Relay or Counter Coil Spark Quenching Diode + – Isolation Base Socket Waveform Shaper One-Shot * OUTPUT 6 1 2 U(+) V(–) POWER 7 8 Output Driver + – INPUT 3 5 4 + SENSOR EXCITATION Excitation Supply 100Ω 100Ω VOLTAGE ADJ. * Provided only when the one-shot output is specified. Note: With 24V excitation and dry contact input, the voltage across the terminals 3 – 4, divided in the waveform shaper, is of approx. 16V. U Specifications are subject to change without notice. |