| データシートサーチシステム |
|
UPD301BT データシート(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UPD301BT データシート(HTML) 8 Page - Microchip Technology |
|
8 / 45 page ![]() UPD301B/C DS00003412A-page 8 2020 Microchip Technology Inc. 2.3.2 TWO-PORT, THREE-PORT, AND FOUR-PORT SOURCE-ONLY APPLICATIONS (E.G., AUTOMOTIVE REAR SEAT CHARGING) (UPD301B ONLY) Some applications, such as a automotive rear seat charging port, may need multiple USB Type-C™ power delivery ports. These ports can be implemented by connecting a UPD301B and a UPD350 via the SPI interface, as shown in Figure 2-2. The UPD301B will execute the stack for the UPD350. The two-port implementation supports dynamic power allocation (e.g., go-to power min based on an external input). FIGURE 2-2: SYSTEM BLOCK DIAGRAM - TWO-PORT APPLICATION Microchip UPD301B CC1 CC2 VBUS 60W Load Switch DC In Load Switch DC‐DC Converter VBUS 60W Load Switch DC In Load Switch DC‐DC Converter Microchip UPD350 CC1 CC2 SPI M S POWER Control I/O (GPIO, DAC, or I 2C) Fault Indicator Control I/O (GPIO, DAC, or I 2C) Fault Indicator VBUS_DET VBUS_DET RESET Optional Optional |