データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UT63M107PVC5 データシート(PDF) 18 Page - List of Unclassifed Manufacturers

部品番号 UT63M107PVC5
部品情報  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M107PVC5 データシート(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button UT63M107PVC5 Datasheet HTML 14Page - List of Unclassifed Manufacturers UT63M107PVC5 Datasheet HTML 15Page - List of Unclassifed Manufacturers UT63M107PVC5 Datasheet HTML 16Page - List of Unclassifed Manufacturers UT63M107PVC5 Datasheet HTML 17Page - List of Unclassifed Manufacturers UT63M107PVC5 Datasheet HTML 18Page - List of Unclassifed Manufacturers UT63M107PVC5 Datasheet HTML 19Page - List of Unclassifed Manufacturers UT63M107PVC5 Datasheet HTML 20Page - List of Unclassifed Manufacturers UT63M107PVC5 Datasheet HTML 21Page - List of Unclassifed Manufacturers UT63M107PVC5 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
Notes:
1. All package finishes are per MIL-M-38510.
2. It is recommended that package ceramic be mounted on a heat removal
rail in the printed circuit board. A thermally conductive material such as
MERECO XLN-589 or equivalent should be used.
3. Letter designations are for cross-refernce to MIL-M-38510.
Figure 14. 36-Pin Lead Flatpack
(100-MIL Lead Spacing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23