データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZC05 データシート(PDF) 6 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

部品番号 ZC05
部品情報  Methane Module for Home Use
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
ホームページ  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZC05 データシート(HTML) 6 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZC05 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZC05 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZC05 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZC05 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZC05 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZC05 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZC05 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Installation instruction
This module connects with external part by adopting Pin1.25mm*8 single-row inserting pin, there are four
holes with 2mm diameters at the four corners, users fix the module through locations holes and make
connection through Pin1.25mm*8 wire.
Cautions
1 .Following conditions must be prohibited
1.1 Exposed to organic silicon steam
Sensing material will lose sensitivity and never recover if the sensor absorbs organic silicon steam.
Sensors must avoid exposing to silicon bond, fixature, silicon latex, putty or plastic contain silicon
environment.
1.2 High Corrosive gas
If the sensors are exposed to high concentration corrosive gas (such as H
2S, SOX, Cl2, HCl etc.), it will
not only result in corrosion of sensors structure, also it cause sincere sensitivity attenuation.
1.3 Touch water
Sensitivity of the sensors will be reduced when spattered or dipped in water.
1.4 Freezing
Do avoid icing on sensor’s surface, otherwise sensing material will be broken and lost sensitivity.
2 . Following conditions must be avoided
2.1 Water Condensation
Indoor conditions, slight water condensation will influence sensors’ performance lightly. However, if
water condensation on sensors surface and keep a certain period, sensors’ sensitive will be decreased.
2.2 Used in high gas concentration
No matter the sensor is electrified or not, if it is placed in high gas concentration for long time, sensors
characteristic will be affected. If lighter gas sprays the sensor, it will cause extremely damage.
2.3 Long time storage
The sensors resistance will drift reversibly if it’s stored for long time without electrify, this drift is related
with storage conditions. Sensors should be stored in airproof bag without volatile silicon compound.
For the sensors with long time storage but no electrify, they need long galvanical aging time for
stability before using. The suggested aging time as follow:
Stable9.
Storage Time
Suggested aging time
Less than one month
No less than 48 hours
1 ~ 6 months
No less than 72 hours
More than six months
No less than 168 hours
2.4 Long time exposed to adverse environment



Html Pages

1 2 3 4 5 6 7