| データシートサーチシステム |
|
M2ADS-DB3-R2 データシート(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2ADS-DB3-R2 データシート(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 4 page ![]() MODEL: M2ADS M2ADS SPECIFICATIONS ES-5088 Rev.15 Page 1/4 http://www.m-system.co.jp/ Super-mini Signal Conditioners Mini-M Series ADDER Functions & Features • Receives two DC inputs and provides an output proportional to the addition of the inputs Typical Applications • Adding two flow signals Model SPAN ZERO 23 (.91) 76 (2.99) 124 (4.88) mm (inch) MODEL: M2ADS-[1][2][3]-[4][5] ORDERING INFORMATION • Code number: M2ADS-[1][2][3]-[4][5] Specify a code from below for each of [1] through [5]. (e.g. M2ADS-6AA-M2/CE/Q) • Ratios (e.g. K1 = 0.10, K2 = 2.00) • Special input and output ranges (For codes Z & 0) • Specify the specification for option code /Q (e.g. /C01/S01) [1] INPUT 1 Current A: 4 – 20 mA DC (Input resistance 250 Ω) A1: 4 – 20 mA DC (Input resistance 50 Ω) B: 2 – 10 mA DC (Input resistance 500 Ω) C: 1 – 5 mA DC (Input resistance 1000 Ω) D: 0 – 20 mA DC (Input resistance 50 Ω) E: 0 – 16 mA DC (Input resistance 62.5 Ω) F: 0 – 10 mA DC (Input resistance 100 Ω) G: 0 – 1 mA DC (Input resistance 1000 Ω) H: 10 – 50 mA DC (Input resistance 100 Ω) J: 0 – 10 μA DC (Input resistance 1000 Ω) K: 0 – 100 μA DC (Input resistance 1000 Ω) GW: -1 – +1 mA DC (Input resistance 1000 Ω) FW: -10 – +10 mA DC (Input resistance 100 Ω) Z: Specify current (See INPUT SPECIFICATIONS) Voltage 1: 0 – 10 mV DC (Input resistance 10 kΩ min.) 2: 0 – 100 mV DC (Input resistance 100 kΩ min.) 3: 0 – 1 V DC (Input resistance 1 MΩ min.) 4: 0 – 10 V DC (Input resistance 1 MΩ min.) 5: 0 – 5 V DC (Input resistance 1 MΩ min.) 6: 1 – 5 V DC (Input resistance 1 MΩ min.) 4W: -10 – +10 V DC (Input resistance 1 MΩ min.) 5W: -5 – +5 V DC (Input resistance 1 MΩ min.) 0: Specify voltage (See INPUT SPECIFICATIONS) [2] INPUT 2 Same range availability as Input 1 [3] OUTPUT Current A: 4 – 20 mA DC (Load resistance 750 Ω max.) B: 2 – 10 mA DC (Load resistance 1500 Ω max.) C: 1 – 5 mA DC (Load resistance 3000 Ω max.) D: 0 – 20 mA DC (Load resistance 750 Ω max.) E: 0 – 16 mA DC (Load resistance 900 Ω max.) F: 0 – 10 mA DC (Load resistance 1500 Ω max.) G: 0 – 1 mA DC (Load resistance 15 kΩ max.) Z: Specify current (See OUTPUT SPECIFICATIONS) Voltage 1: 0 – 10 mV DC (Load resistance 10 kΩ min.) 2: 0 – 100 mV DC (Load resistance 100 kΩ min.) 3: 0 – 1 V DC (Load resistance 1000 Ω min.) 4: 0 – 10 V DC (Load resistance 10 kΩ min.) 5: 0 – 5 V DC (Load resistance 5000 Ω min.) 6: 1 – 5 V DC (Load resistance 5000 Ω min.) 4W: -10 – +10 V DC (Load resistance 10 kΩ min.) 5W: -5 – +5 V DC (Load resistance 5000 Ω min.) 0: Specify voltage (See OUTPUT SPECIFICATIONS) [4] POWER INPUT AC Power M2: 100 – 240 V AC (Operational voltage range 85 – 264 V, 47 – 66 Hz) (90 – 264 V for UL) DC Power R: 24 V DC (Operational voltage range 24 V ±10 %, ripple 10 %p-p max.) R2: 11 – 27 V DC (Operational voltage range 11 – 27 V, ripple 10 %p-p max.) (Select ‘/N’ for ‘Standards & Approvals’ code.) P: 110 V DC (Operational voltage range 85 – 150 V, ripple 10 %p-p max.) (110 V ±10 % for UL) |
同様の部品番号 - M2ADS-DB3-R2 |
|
同様の説明 - M2ADS-DB3-R2 |