| データシートサーチシステム |
|
LTM8024 データシート(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTM8024 データシート(HTML) 27 Page - Analog Devices |
|
27 / 28 page ![]() LTM8060 27 Rev. 0 For more information www.analog.com Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Table 6. LTM8060 Pinout (Sorted by Pin Number) Pin Pin Name Pin Pin Name Pin Pin Name Pin Pin Name Pin Pin Name Pin Pin Name Pin Pin Name Pin Pin Name A1 VOUT3 B1 VOUT3 C1 TRSS3 D1 TRSS4 E1 RT34 F1 FB3 G1 VIN34 H1 VIN34 A2 VOUT3 B2 VOUT3 C2 AUX3 D2 BIAS34 E2 AUX4 F2 FB4 G2 VIN34 H2 VIN34 A3 VOUT3 B3 VOUT3 C3 GND D3 GND E3 GND F3 SHARE4 G3 GND H3 GND A4 VOUT3 B4 VOUT3 C4 GND D4 GND E4 GND F4 SHARE3 G4 GND H4 GND A5 GND B5 GND C5 GND D5 GND E5 GND F5 GND G5 GND H5 GND A6 GND B6 GND C6 GND D6 GND E6 GND F6 GND G6 GND H6 GND A7 GND B7 GND C7 GND D7 GND E7 GND F7 GND G7 GND H7 GND A8 VOUT2 B8 VOUT2 C8 GND D8 GND E8 GND F8 GND G8 GND H8 GND A9 VOUT2 B9 VOUT2 C9 GND D9 GND E9 PG1 F9 GND G9 GND H9 GND A10 VOUT2 B10 VOUT2 C10 CLKOUT12 D10 PG2 E10 DNC F10 VIN2 G10 VIN2 H10 VIN1 A11 VOUT2 B11 VOUT2 C11 SYNC12 D11 RUN2 E11 RUN1 F11 VIN2 G11 VIN2 H11 VIN1 Pin Pin Name Pin Pin Name Pin Pin Name Pin Pin Name Pin Pin Name Pin Pin Name Pin Pin Name J1 VIN34 K1 VIN34 L1 RUN3 M1 RUN4 N1 SYNC34 P1 VOUT4 R1 VOUT4 J2 VIN34 K2 VIN34 L2 DNC M2 PG4 N2 CLKOUT34 P2 VOUT4 R2 VOUT4 J3 GND K3 GND L3 PG3 M3 GND N3 GND P3 VOUT4 R3 VOUT4 J4 GND K4 GND L4 GND M4 GND N4 GND P4 VOUT4 R4 VOUT4 J5 GND K5 GND L5 GND M5 GND N5 GND P5 GND R5 GND J6 GND K6 GND L6 GND M6 GND N6 GND P6 GND R6 GND J7 GND K7 GND L7 GND M7 GND N7 GND P7 GND R7 GND J8 GND K8 SHARE1 L8 GND M8 GND N8 GND P8 VOUT1 R8 VOUT1 J9 GND K9 SHARE2 L9 GND M9 GND N9 GND P9 VOUT1 R9 VOUT1 J10 VIN1 K10 FB2 L10 AUX2 M10 BIAS12 N10 AUX1 P10 VOUT1 R10 VOUT1 J11 VIN1 K11 FB1 L11 RT12 M11 TRSS2 N11 TRSS1 P11 VOUT1 R11 VOUT1 PACKAGE DESCRIPTION |