| データシートサーチシステム |
|
18BXCS データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
18BXCS データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: 18BXCS http://www.m-system.co.jp/ 18BXCS SPECIFICATIONS ES-1807 Rev.7 Page 3/4 I/O CONNECTOR PIN ASSIGNMENT Fujitsu FCN type I/O connector (Fujitsu FCN-365P040-AU) • Connector Pin Assignment CN1: output 1 or input CN2: output 2 PIN NO. ASSIGNMENT PIN NO. ASSIGNMENT A 1 ch. 1 + B 1 ch. 1 – A 2 ch. 2 + B 2 ch. 2 – A 3 ch. 3 + B 3 ch. 3 – A 4 ch. 4 + B 4 ch. 4 – A 5 ch. 5 + B 5 ch. 5 – A 6 ch. 6 + B 6 ch. 6 – A 7 ch. 7 + B 7 ch. 7 – A 8 ch. 8 + B 8 ch. 8 – A 9 ch. 9 + B 9 ch. 9 – A10 ch.10 + B10 ch.10 – A11 ch.11 + B11 ch.11 – A12 ch.12 + B12 ch.12 – A13 ch.13 + B13 ch.13 – A14 ch.14 + B14 ch.14 – A15 ch.15 + B15 ch.15 – A16 ch.16 + B16 ch.16 – A17 – A20, B17 – B20: Unused Pin assignment is common to both CN1 and CN2. Yokogawa DCS VM ❑ / PM1 card use (PS-40PE-D4LT1-PN1) • Location CN1: VM ❑ / PM1 card use* The input or output 1 is connected to the connector. 18-RACK LOCATION NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 VM1/PM1/VM4 CARD INPUT or OUTPUT 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 VM2 CARD INPUT NO. VM2 CARD OUTPUT NO. *VM ❑ / PM1 card (uses KS2 cable) VM1: analog input 16 points VM2: analog input 8 points / analog output 8 points VM4: analog output 16 points PM1: pulse input 16 points Specifications subject to change without notice. Yokogawa DCS MAC2 / PAC card use (PS-40PE-D4LT1-PN1) • Location CN1: MAC2 / PAC card use* CN2: MAC2 / PAC card use* (for redundancy) The input or output 1 is connected to the connector. 18-RACK LOCATION NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 1 2 2 3 3 4 4 5 5 6 6 7 7 8 8 i o i o i o i o i o i o i o i o MAC2/PAC CARD I/O (i = input, o = output) *MAC2 card (uses KS1 cable) I/O card used for control I/O. Composed of 8 inputs and 8 outputs. Input and output are paired. (Replace with pulse inputs for PAC card.) |