| データシートサーチシステム |
|
M2AC-A15W-M2/CE データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2AC-A15W-M2/CE データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: M2AC M2AC SPECIFICATIONS ES-5036 Rev.16 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 5 9 21.5 (.85) 84 (3.31) 10 (.39) 15 (.59) 6 (.23) DIN RAIL 35mm wide [4 (.16)] 8–M3 SCREW 23 (.91) 2–4.2x5 (.17x.20) MTG HOLE 6 (.24) deep 114 (4.49) • When mounting, no extra space is needed between units. 4 8 12 14 13 1 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Base Socket INPUT 1 R.M.S. Operation Output Driver OUTPUT 4 5 8 9 12 S Z AC Amplifier *Input shunt resistor incorporated for current input. U(+) V(–) POWER 13 14 * Specifications are subject to change without notice. |