| データシートサーチシステム |
|
WJT-22B-S/Q データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WJT-22B-S/Q データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: WJT WJT SPECIFICATIONS ES-2263 Rev.8 Page 2/4 http://www.m-system.co.jp/ [4] POWER INPUT AC Power B: 100 V AC C: 110 V AC D: 115 V AC F: 120 V AC G: 200 V AC H: 220 V AC J: 240 V AC DC Power S: 12 V DC R: 24 V DC V: 48 V DC [5] OPTIONS (multiple selections) Burnout blank: Upscale burnout /BL: Downscale burnout /BN: No burnout Other Options blank: none /Q: Option other than the above (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel RELATED PRODUCTS • Programming Unit (model: PU-2x) • PC configurator software (model: JXCON) Downloadable at M-System’s web site. A dedicated cable is required to connect the module to the PC. Please refer to the internet software download site or the users manual for the PC configurator for applicable cable types. GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3.5 screw terminals Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input to output 1 to output 2 to power Overrange output: Approx. -10 to +120 % at 1 – 5 V Zero adjustment: -5 to +5 % (front) Span adjustment: 95 to 105 % (front) Adjustable individually for each output 1 and output 2. Linearization: Standard Cold junction compensation: CJC sensor attached to the input terminals Adjustments: Programming Unit (model: PU-2x); (Refer to the users manual of JXCON for the adjustments configurable with JXCON.) • T/C type • temp. range • zero and span • simulating output • Others INPUT SPECIFICATIONS Minimum span: 3 mV Offset: Max. 3 times span Input resistance: 20 kΩ min. Burnout sensing: 0.1 μA Minimum span in °C and °F (PR): 370°C, 670°F K (CA): 75°C, 140°F E (CRC): 50°C, 90°F J (IC): 60°C, 110°F T (CC): 75°C, 140°F B (RH): 780°C, 1410°F R: 360°C, 650°F S: 380°C, 690°F WRe 5-26: 200°C, 360°F N: 110°C, 200°F Remark: The described accuracy may be partially not satisfied when the temperature ranges below 0°C. Consult factory. If not specified, the input range is shown below. (PR): 0 to 1600°C K (CA): 0 to 1000°C E (CRC): 0 to 500°C J (IC): 0 to 500°C T (CC): 0 to 300°C B (RH): 0 to 1800°C R: 0 to 1600°C S: 0 to 1600°C WRe 5-26: 0 to 2000°C N: 0 to 1000°C |