| データシートサーチシステム |
|
74ACT125DMX データシート(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74ACT125DMX データシート(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 8 page ![]() Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74AC 125 P C QR Temperature Range Family Special Variations 74AC e Commercial X e Devices shipped in 13 reels 54AC e Military QR e Commercial grade device 74ACT e Commercial TTL-Compatible with burn-in QB e Military grade device with Device Type environmental and burn-in processing shipped in tubes Package Code P e Plastic DIP Temperature Range D e Ceramic DIP C e Commercial (b40 Cto a85 C) F e Flatpak M e Military (b55 Cto a125 C) L e Leadless Ceramic Chip Carrier (LCC) S e Small Outline (SOIC) 5 |