| データシートサーチシステム |
|
WJM-1B0-S/Q データシート(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WJM-1B0-S/Q データシート(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 3 page ![]() MODEL: WJM WJM SPECIFICATIONS ES-2265 Rev.9 Page 1/3 http://www.m-system.co.jp/ Dual Output Plug-in Signal Conditioners W-UNIT POTENTIOMETER TRANSMITTER (field-programmable) Functions & Features • Providing DC output proportional to a potentiometer or slidewire position input • Microprocessor based • Constant voltage excitation allows use with pots with total resistances from 100 Ω – 10kΩ without affecting accuracy • 75 % zero/span adjustments with minimal interaction • Linearization data programmable via hand-held programmer PU-2x • Isolation up to 2000 V AC • Loop testing via hand-held programmer PU-2x • High-density mounting Typical Applications • Tank levels • Positions: Compensating non-linear signal from the linking mechanism of a position detector 50 (1.97) 136 (5.35) 80 (3.15) mm (inch) MODEL: WJM–1[1][2]–[3][4] ORDERING INFORMATION •Code number: WJM-1[1][2]-[3][4] Specify a code from below for each of [1] through [4]. (e.g. WJM-1A6-B/Q) •Special output ranges (For codes Z & 0) • Linearization data (max. 16 points) Use Ordering Information Sheet (No. ESU-1669) to specify linearization data when the I/O signals are non-linear. • Specify the specification for option code /Q (e.g. /C01/S01) Note: When the user requires a current and a voltage output, specify the current to be the Output 1 which allows a greater load. INPUT POTENTIOMETER 1: Total resistance 100 Ω – 10 kΩ [1] OUTPUT 1 Current A: 4 – 20 mA DC (Load resistance 600 Ω max.) B: 2 – 10 mA DC (Load resistance 1200 Ω max.) C: 1 – 5 mA DC (Load resistance 2400 Ω max.) D: 0 – 20 mA DC (Load resistance 600 Ω max.) E: 0 – 16 mA DC (Load resistance 750 Ω max.) F: 0 – 10 mA DC (Load resistance 1200 Ω max.) G: 0 – 1 mA DC (Load resistance 12 kΩ max.) Z: Specify current (See OUTPUT SPECIFICATIONS) Voltage 1: 0 – 10 mV DC (Load resistance 10 kΩ min.) 2: 0 – 100 mV DC (Load resistance 100 kΩ min.) 3: 0 – 1 V DC (Load resistance 1000 Ω min.) 4: 0 – 10 V DC (Load resistance 10 kΩ min.) 5: 0 – 5 V DC (Load resistance 5000 Ω min.) 6: 1 – 5 V DC (Load resistance 5000 Ω min.) 4W: -10 – +10 V DC (Load resistance 10 kΩ min.) 5W: -5 – +5 V DC (Load resistance 5000 Ω min.) 0: Specify voltage (See OUTPUT SPECIFICATIONS) [2] OUTPUT 2 Current A: 4 – 20 mA DC (Load resistance 350 Ω max.) B: 2 – 10 mA DC (Load resistance 700 Ω max.) C: 1 – 5 mA DC (Load resistance 1400 Ω max.) D: 0 – 20 mA DC (Load resistance 350 Ω max.) E: 0 – 16 mA DC(Load resistance 430 Ω max.) F: 0 – 10 mA DC (Load resistance 700 Ω max.) G: 0 – 1 mA DC (Load resistance 7000 Ω max.) Z: Specify current (See OUTPUT SPECIFICATIONS) Voltage Same range availability as Output 1 [3] POWER INPUT AC Power B: 100 V AC C: 110 V AC D: 115 V AC F: 120 V AC G: 200 V AC H: 220 V AC J: 240 V AC DC Power S: 12 V DC R: 24 V DC V: 48 V DC |
同様の部品番号 - WJM-1B0-S/Q |
|
同様の説明 - WJM-1B0-S/Q |