| データシートサーチシステム |
|
6DVB データシート(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
6DVB データシート(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 8 page ![]() MODEL: 6DV-B 6DV-B SPECIFICATIONS ES-4220 Rev.20 Page 6/8 http://www.m-system.co.jp/ CONNECTION DIAGRAM ENTR / ESC BACK / DOWN NEXT / UP LED Display Internal Bridge Power Source 1 2 4 3 + – ENTR / ESC BACK / DOWN NEXT / UP LED Display Internal Bridge Power Source 1 2 4 3 + – • WITHOUT TERMINAL BLOCK (Euro terminal block at the rear of indicator module) ENTR / ESC BACK / DOWN NEXT / UP LED Display Internal Bridge 1 2 4 3 + – ENTR / ESC BACK / DOWN NEXT / UP LED Display Internal Bridge 1 2 4 3 9 10 12 11 9 10 12 11 + – • WITH TERMINAL BLOCK Two-wire Transmitter + – Two-wire Transmitter + – *1 Non-Hazardous Location Hazardous Location Safety Barrier Power Source Power Source Two-wire Transmitter + – Two-wire Transmitter + – *1 Non-Hazardous Location Hazardous Location Safety Barrier *1 Non-Hazardous Location Hazardous Location Safety Barrier *1 *3 *2 Non-Hazardous Location Hazardous Location Safety Barrier A safety barrier must be installed for the intrinsic safety. The safety barrier must meet the Ex-data of this unit and must be approved for the hazardous location. In order to use a two-wire transmitter in the TIIS intrinsically safe circuit, the combination of the 6DV-B with the transmitter must be re-evaluated and approved by the TIIS. This connection digram is not applicable for the TIIS intrinsic safety. *1. *2. *3. ■ 2-WIRE CONNECTION EXAMPLE |