| データシートサーチシステム |
|
40DPT データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
40DPT データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 7 page ![]() MODEL: 40DPT 40DPT SPECIFICATIONS ES-9537 Rev.7 Page 3/7 https://www.m-system.co.jp/ DISPLAY HOLD COMMAND Displayed value is held with an external HOLD command input. Connect the contacts across HOLD to COM. (Isolate with photo-coupler or relay as terminals 3 and 4 are not isolated to input signal, terminals 1 and 2.) L HOLD H L HOLD H Twisted pair cable Twisted pair cable 3 4 COM (a) Photo-Coupler (b) Relay Relay Photo-Coupler HOLD 3 4 COM HOLD EXTERNAL VIEW (2) Sticker Label (1) Front Panel (5) Disp/ Button (3) 4-digit Display (4) Polarity Indicator (6) Scale/ Button (8) Up Button (7) Shift Button ■ FUNCTION TABLE No. COMPONENT FUNCTIONS (1) Front panel Removed at configuration. (2) Sticker label Engineering unit label position (3) 4-digit display 4-digit LED display. Range: 0 to 9999 (not including decimal point) (4) Polarity indicator Turns on when negative value is displayed. (5) Disp/ button Used to move on to the display setting modes, to shift through setting items in each setting mode, or shift through display digits in each setting item. (6) Scale/ button Used to move on to the scaling setting modes, to shift through setting items in each setting mode, or shift through display digits in each setting item. (7) Shift button Used to move on to the setting standby status. (8) Up button Used to select setting value. ↓ ↑ |