| データシートサーチシステム |
|
40DPT-V1-R データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
40DPT-V1-R データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 7 page ![]() MODEL: 40DPT 40DPT SPECIFICATIONS ES-9537 Rev.7 Page 4/7 https://www.m-system.co.jp/ PARAMETER LIST ■ SCALING SETTING MODE V1 V2 V3 V4 V5 V1 V2 V3 V4 V5 V1 V2 V3 V4 V5 Input value to be set as Zero in the measurement range – – Display value for input scaling value B Low-end cutout OFF Low-end cutout ON Absolute value low-end cutout ON Low-end cutout value setting Display value for input scaling value A Decimal point position 4th LSD – 2nd LSD, none FUNCTION DEFAULT VALUE INPUT CODE DISPLAY ITEM DISPLAY V1 V2 V3 V4 V5 V1 V2 V3 V4 V5 – – PARAMETER Decimal Point Position Low-end cutout value Input Scaling Value A Input Scaling Value B Display Scaling Value A Display Scaling Value B Low-end cutout – – – – ( ( Input value to be set as Full Scale in the measurement range *1. Only for input code ‘V5’ *2. Input signal less than the preset cutout value is forcibly cut to display scaling value “zero”. Use when minus value is not required. Lower 3 digits of displayed value are set regardless of decimal point position. Note: With the low-end cutout or absolute value low-end cutout set to ON, the low-end cutout value setting is valid. – *1 *1 ) ) *2 *2 |