| データシートサーチシステム |
|
60D データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
60D データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: 60D 60D SPECIFICATIONS ES-6604 Rev.15 Page 4/4 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Note: In order to improve EMC performance, bond the FG1 terminal to ground. Caution: FG1 terminal is NOT a protective conductor terminal. A / D or D / A Conv. I / O CPU DeviceNet Comm. CPU SERIAL TRANSMISSION LINE PU-2x MODULAR JACK U(+) V(–) POWER 7 14 FG1 8 COMMUNICATION MODULE DIP SW INDICATOR LED V+ CAN_H Drain CAN_L V– To Other DeviceNet Devices To 10-RACK, 18-RACK etc. ■ CABLE IDENTIFICATION The following table defines wire insulation colors and designations. The terminal block is labeled also in the same colors so that the correct assignment can be confirmed. COLOR DESIG. DESCRIPTION black V – Power (–) blue CAN_L Signal Low bare Drain Shield white CAN_H Signal High red V + Power (+) Specifications are subject to change without notice. |