| データシートサーチシステム |
|
61F-081-R データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
61F-081-R データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: 61F 61F SPECIFICATIONS ES-6635 Rev.2 Page 3/3 http://www.m-system.co.jp/ EXTERNAL VIEW L RUN PU-2 STATION NO. L ERR. L I/O L COM PWR 3 2 3 2 X1 X10 Euro Type Connector Terminal for T-Link Status Indicator LED Power Indicator LED Station No. Setting Modular Jack for Factory Calibration EXTERNAL DIMENSIONS unit: mm (inch) 50 (1.97) 103 (4.06) 38 min. (1.50) 12 (.47) 2–M3 SCREWS SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + − SHIELDED TWISTED-PAIR To other T-Link devices JUMPER PIN* A/D or D/A Converter I/O Side CPU SERIAL TRANSMISSION LINE Modular Jack for Factory Calibration MODULAR JACK To Installation Base CPU For T-LINK Transmission Station No. Setting Rotary Switches Indicator LED T1 T2 SD RT+ RT− TERMINATING RESISTOR * When the unit is located at the end of transmission line via twisted-pair cable (= no cross-wiring), short across terminals RT+, RT- with the jumper pin (or wire) provided with the unit. Remove the jumper pin for the one not located at the end. Note: Use T1, T2, SD terminals for cross-wiring. Specifications are subject to change without notice. |