| データシートサーチシステム |
|
61F-161-R データシート(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
61F-161-R データシート(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 3 page ![]() MODEL: 61F 61F SPECIFICATIONS ES-6635 Rev.2 Page 1/3 http://www.m-system.co.jp/ Field Network Modules 61-UNIT Series ANALOG I/O MODULE (Fuji Electric T-Link use) Functions & Features • Interfacing analog I/O signals from/to Mini-M or Pico-M modules with T-LINK • Saving power and I/O wiring inside an instrumentation panel mm (inch) 12 3 12 3 50 (1.97) 100 (3.94) 115 (4.53) MODEL: 61F-[1][2]-[3][4] ORDERING INFORMATION • Code number: 61F-[1][2]-[3][4] Specify a code from below for each [1] through [4]. (e.g. 61F-161-K/Q) • Specify the specification for option code /Q (e.g. /C01) [1] NO. OF CHANNELS 04: 4 points 08: 8 points 16: 16 points [2] I/O TYPE 1: Input 2: Output [3] POWER INPUT AC Power K: 85 – 132 V AC (Operational voltage range 85 – 132 V, 47 – 66 Hz) DC Power R: 24 V DC (Operational voltage range 24 V ±10 %, ripple 10 %p-p max.) (Specify power suffix code R (24 V DC) when the UNIT is to be combined with the M8BS2.) [4] OPTIONS blank: none /Q: With options (specify the specification) SPECIFICATIONS OF OPTION: Q COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating RELATED PRODUCTS • Installation Base (model: M2BS2) • Installation Base (model: M8BS2) GENERAL SPECIFICATIONS Construction: Plug-in Connection T-Link: Euro type connector terminal (applicable wire size: 0.2 to 2.5 mm2, stripped length 7 mm) I/O: Via Installation Base (model: MxBS2) Power input: Via Installation Base (model: MxBS2) Housing material: Flame-resistant resin (black) Isolation: I/O or T-Link to power Power indicator: Green LED turns on with power supplied. T-Link SPECIFICATIONS Configuration: Multi-drop Communication: Half-duplex Baud rate: 500 kbps Transmission media/distance: KPEV-SB 0.75 mm2 × 1 pair, 700 m T-KPEV-SB, 1.25 mm2 × 1 pair, 1000 m Station No.: Rotary switch; 00 - 99 (Factory default setting: 00) L RUN indicator: Red LED ON at normal communication L ERR. indicator: Red LED ON/blinking at communication abnormality L I/O indicator: Red LED blinking at normal I/O L COM indicator: RED LED blinking at T-Link normal communication ■ NUMBER OF CONNECTABLE UNITS WITH T-LINK Up to a maximum of 32 T-LINK devices can be connected in a single T-LINK system. There is a limit of 100 words in processor memory. Make sure that the configured word area to be occupied does not exceed the 100-word range. (According to the Fuji Electric MICREX-F Users Manual) It is necessary to consider these criteria when connecting to this device. The below describes the number of words occupied per device by number of modules. |
同様の部品番号 - 61F-161-R |
|
同様の説明 - 61F-161-R |