| データシートサーチシステム |
|
61F-042-R データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
61F-042-R データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 3 page ![]() MODEL: 61F 61F SPECIFICATIONS ES-6635 Rev.2 Page 2/3 http://www.m-system.co.jp/ • For input 4 / output 4 modules: 4 • For input 8 / output 8 modules: 8 • For input 16 / output 16 modules: 16 INPUT SPECIFICATIONS ■ Analog Input Input range: 1 – 5 V DC Input resistance: ≥ 1 MΩ (Each input must be isolated by signal conditioners. Non- isolated modules such as M2BW and M8BW are not usable.) A/D conversion Moving averaging: 4 samples Sampling rate: 160 ms A/D conversion output: Signed binary Signal range 0 – 100 % is converted into hexadecimal 0000 – 2710 (0 – 10000). -15 to 0 % is a negative range represented by 2's complements. Overall range is represented by hexadecimal FA24 – 2CEC (-1500 – +11500), for -15 – +115 %. OUTPUT SPECIFICATIONS ■ Analog Output Output range: 1 – 5 V DC Load resistance: 20 kΩ minimum (Output must be isolated with signal conditioners. When the transmission line is open, the last value sampled before failure is held. Non-isolated modules such as M2BW and M8BW are not usable. ) D/A conversion input: Signed binary Signal range 0 – 100 % is converted into hexadecimal 0000 – 2710 (0 – 10000). -15 to 0 % is a negative range represented by 2's complements. Overall range is represented by hexadecimal FA24 – 2CEC (-1500 – +11500), for -15 – +115 %. INSTALLATION Power consumption •AC: Approx. 3 VA •DC: Approx. 4 W (160 mA) Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Atmosphere: No corrosive gas or heavy dust Mounting: Installation Base (model: MxBS2) Weight: 250 g (0.55 lb) PERFORMANCE in percentage of span A/D conversion: ±0.1 % D/A conversion: ±0.1 % Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) Permissible power failure duration: ≤ 10 msec. Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 1500 V AC @ 1 minute (I/O or T-Link to power) |