| データシートサーチシステム |
|
61C-083-R データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
61C-083-R データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: 61C 61C SPECIFICATIONS ES-6627 Rev.8 Page 2/4 http://www.m-system.co.jp/ SD indicator: Red LED turns on when transmitting. RD indicator: Red LED turns on when receiving. INPUT SPECIFICATIONS ■ Analog Input Input range: 1 – 5 V DC Input resistance: ≥ 1 MΩ (Each input must be isolated by signal conditioners. Non- isolated modules such as M2BW and M8BW are not usable.) A/D conversion Moving averaging: 4 samples Sampling rate: 160 ms A/D conversion output: Signed binary Signal range 0 – 100 % is converted into hexadecimal 0000 – 2710 (0 – 10000). -15 to 0 % is a negative range represented by 2's complements. Overall range is represented by hexadecimal FA24 – 2CEC (-1500 – +11500), for -15 – +115 %. 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 RWr n+0 SIGN BIT INPUT 1 A/D CONVERSION DATA RWr n+1 SIGN BIT INPUT 2 A/D CONVERSION DATA RWr n+2 SIGN BIT INPUT 3 A/D CONVERSION DATA RWr n+3 SIGN BIT INPUT 4 A/D CONVERSION DATA RWr n+7 SIGN BIT INPUT 8 A/D CONVERSION DATA RWr n+11 SIGN BIT INPUT 12 A/D CONVERSION DATA RWr n+15 SIGN BIT INPUT 16 A/D CONVERSION DATA RWr n+0 through RWr n+3 for 4 inputs. RWr n+0 through RWr n+7 for 8 inputs or inputs of 16-input/output. RWr n+0 through RWr n+15 for 16 inputs. s A/D CONVERSION DATA OUTPUT SPECIFICATIONS ■ Analog Output Output range: 1 – 5 V DC Load resistance: 20 kΩ minimum (Output must be isolated with signal conditioners. When the transmission line is open, the last value sampled before failure is held. Non-isolated modules such as M2BW and M8BW are not usable. ) D/A conversion input: Signed binary Signal range 0 – 100 % is converted into hexadecimal 0000 – 2710 (0 – 10000). -15 to 0 % is a negative range represented by 2's complements. Overall range is represented by hexadecimal FA24 – 2CEC (-1500 – +11500), for -15 – +115 %. 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 RWw n+0 SIGN BIT OUTPUT 1 D/A CONVERSION DATA RWw n+1 SIGN BIT OUTPUT 2 D/A CONVERSION DATA RWw n+2 SIGN BIT OUTPUT 3 D/A CONVERSION DATA RWw n+3 SIGN BIT OUTPUT 4 D/A CONVERSION DATA RWw n+7 SIGN BIT OUTPUT 8 D/A CONVERSION DATA RWw n+11 SIGN BIT OUTPUT 12 D/A CONVERSION DATA RWw n+15 SIGN BIT OUTPUT 16 D/A CONVERSION DATA RWw n+0 through RWw n+3 for 4 outputs. RWw n+0 through RWw n+7 for 8 outputs or outputs of 16-input/output. RWw n+0 through RWw n+15 for 16 outputs. s D/A CONVERSION DATA INSTALLATION Power consumption •AC: Approx. 4 VA •DC: Approx. 4 W (160 mA) Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Atmosphere: No corrosive gas or heavy dust Mounting: Installation Base (model: MxBS2) Weight: 250 g (0.55 lb) PERFORMANCE in percentage of span A/D conversion: ±0.1 % D/A conversion: ±0.1 % Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) Permissible power failure duration: ≤ 10 msec. Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 1500 V AC @ 1 minute (I/O to CC-Link to power) |